Part Number Hot Search : 
DSP56167 VLME3101 C5521 EE08144 MPC5510 D945GNT R3000F NTE1412
Product Description
Full Text Search
 

To Download 3KP17CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mechanical data . 3kp5.0(c)(a) thru 3kp220(c)(a) 3000watts transient voltage suppressor 5.0 to 220 volts  
 omp onents 20736 marilla street chatsworth       
     mcc r-6 dimensions inches mm dim min max min max note a .340 .360 8.60 9.10 b .340 .360 8.60 9.10 c .048 .052 1.20 1.30 d 1.000 --- 25.40 --- a b d d c cathode tm micro commercial components marking : cathode band(for uni-directional ) and type number . suffix "c" of part number denotes bi-directional unit. . www. mccsemi .com 1 of 4 . electrical characteristics @ 25 o c unless otherwise specified rating symbol value units peak pulse power dissipation on 10/1000us waveform (note 2,fig.1) peak forward surge current, 8.3ms single half sine-wave superimposed on rated load, (jedec method) (note 4) steady state power dissipation at t l = 75 o c , lead lengths.375", (9.5mm) (note 3) operating junction and storage temperature range p ppm i m(av) p fsm p j , t stg minimum 3000 -55 to + 175 300 8 watts amps watts o c notes : revision: a 2011/01/01 features 3000 watts peak power . low inductance unidirectional and bidirectional unit voltage range: 5.0 to 220 volts. ul recognized file # e331408 . lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) . 1.high temperature solder exemption applied, see eu directive annex 7. per minutes maximum. 3.mounted on copper pad area of 1.6?1.6" (40?40mm) per fig. 5. 4.8.3ms single half sine-wave , or equivalent square wave, duty cycle = 4 pulses 2.non-repetitive current pulse , per fig. 3 and derated above t a = 25 per fig. 2 . epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 .
3kp series mcc
mcc 3kp series tm micro commercial components www. mccsemi .com 3 of 4 ratings and characteristic curves (ta=25 o c unless otherwise noted) 10 100 1000 10000 1 10 100 1000 5 10 100 1000 10000 c j - ca p acitanc e fig. 4 - typical junction capacitance vwm - reverse stand-off voltage (v) unidirectional bidirectional f = 1mhz vsig = 50mvp-p t j = 25c v r = 0 500 v r = rated stand-off voltage 10 10 p ppm -peak pulse power (kw) 0 12.5 25 37.5 50 62.5 75 87.5 100 0 25 50 75 100 125 150 175 200 fig.2 - pulse derating curve ta - ambient temperatur(c) p ppm -peak pulse power (kw) 150 0 1.0 2.0 t r = 10sec. peak value i ppm t j = 25c pulse width(td)is defined as the point where the peak current decays to 50% of i ppm 10/1000sec.waveform as defined by r.e.a. td fig.3 - pulse waveform 4.0 50 half value- i ppm 2 100 i ppm - peak pulse current,% i rsm 3.0 0 t - time(ms) 100 150 200 250 300 1 10 100 1000 fig.6 - maximum non-repetitive forward surge current number of cycles at 60 h z i fsm ,peak forward surge currnet (a ) p pm(av) ,steady state power dissipation (w) 0 0.2 0.4 0.6 0.8 1 1.2 fi g . 5 - stead y state power deratin g curve t l - lead temperature (c) 0.375" (9.5mm) lead lengths 1.6x1.6x0.040"(40x40x1mm) copper heat sinks 60hz resistive or inductive load 0 2 4 6 8 0.1 1 10 100 t d - pulse width (sec.) fi g . 1 - peak pulse power ratin g curve non-repetitive pulse waveform shown in fig.3 t a = 25c 0.1s 1.0s 10s 100s 1.0ms 10ms revision: a 2011/01/01
mcc tm micro commercial components www. mccsemi .com 4 of 4 revision: a 2011 /01/01 3 device packing part number-tp tape&reel: 50 0 pcs/reel part number-ap ammo packing: 450pcs/ammo box part number-bp bulk: 4.8kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of 3KP17CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X